|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD TO-220F 3CA1837 TRANSISTOR (PNP) Plastic-Encapsulate Transistors TO-220F FEATURES . High Transition Frequency : fT=70MHZ(Typ) . Complementary to 3DA4793 . Collector Power Dissipation PCM : 2W (Tamb=25) 20 W (Tcase=25) 1. BASE 2. COLLECTOR 3. EMITTE MAXIMUM RATINGS* TA=25 unless otherwise noted Symbol VCBO VCEO VEBO IC IB TJ Tstg Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Base Current Junction Junction Storage Junction Parameter Value -230 -230 -5 -1000 -100 150 -55-150 Units V V V mA mA *These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. ELECTRICAL CHARACTERISTICS (Tamb=25 Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Transition frequency Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) fT Test unless otherwise specified) MIN -230 -230 -5 -10 -10 100 320 -1.5 30 V MHz TYP MAX UNIT V V V A A conditions Ic=-100A , IE=0 Ic=-1mA, IB=0 IE=-100A, IC=0 VCB=-230V, IE=0 VEB=-5V, IC=0 VCE=-5V, IC=-100mA IC=-500mA, IB=-50mA VCE=-10V, IC=-100mA Typical Characteristics 3CA1837 |
Price & Availability of 3CA1837-TO-220F |